| Moteur de recherche de fiches techniques de composants électroniques |
|
STAC9271 Fiches technique(PDF) 191 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 Fiches technique(HTML) 191 Page - Integrated Device Technology |
|
191 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 191 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL 6.31.4. VolumeKnob ConLstEntry0 6.31.5. VolumeKnob ConLstEntry4 [7] LForm R 0x0 Connection list uses short-form (7-bit) NID entries. [6.:0] ConL R DAC4 enable =0x05 DAC4 disable =0x04 Number of NID entries in connection list. Table 472. VolumeKnob ConLstEntry0 Command Verb Format Verb ID Payload Response Get F02 00 See bitfield table. Table 473. VolumeKnob ConLstEntry0 Command Response Format Bit Bitfield Name RW Reset Description [31.:24] ConL3 R 0x05 DAC3 [23.:16] ConL2 R 0x04 DAC2 [15.:8] ConL1 R 0x03 DAC1 [7.:0] ConL0 R 0x02 DAC0 Table 474. VolumeKnob ConLstEntry4 Command Verb Format Verb ID Payload Response Get F02 04 See bitfield table. Table 475. VolumeKnob ConLstEntry4 Command Response Format Bit Bitfield Name RW Reset Description [31.:24] ConL7 R 0x0 No connection. [23.:16] ConL6 R 0x0 No connection. Table 471. VolumeKnob ConLst Command Response Format Bit Bitfield Name RW Reset Description |