| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE2101 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2101 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 39 page ![]() TNETE2101 10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE SPWS032D – JANUARY 1997 – REVISED MARCH 1999 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PHY generic identifier – GEN_id_hi/GEN_id_lo at 0x02/03 These two hardwired 16-bit registers contain an identifier code for the 10BASE-T/100BASE-TX PHY. GEN_id_hi contains 0x4000, and GEN_id_lo contains 0x503X. The PHY ID is composed of bits 3–24 of the 25-bit organizationally unique identifier (OUI) assigned to TI by IEEE. Bit 3 of the OUI maps to bit 15 of GEN_id_hi, bit 4 of the OUI to bit 14 of the GEN_id_hi, and so on. Figures 9 and 10 show the bit layout of GEN_id_hi and GEN_id_lo. BIT 15 14 13 12 11 10 98 76 54 321 BIT 0 OUI Bits 3–18 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Figure 9. PHY Generic Identifier – GEN_id_hi at 0x02 BIT 15 14 13 12 11 10 98 76 54 321 BIT 0 OUI Bits 19–24 Manufacturer Model Number Manufacturer Revision Number 0 1 0 1 0 0 0 0 0 0 1 1 X X X X Figure 10. PHY Generic Identifier – GEN_id_lo at 0x03 |