Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7N70MJD2 Fiches technique(PDF) 4 Page - Silan Microelectronics Joint-stock

No de pièce 7N70MJD2
Description  7A, 700V SUPER JUNCTION MOS POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

7N70MJD2 Fiches technique(HTML) 4 Page - Silan Microelectronics Joint-stock

  7N70MJD2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock 7N70MJD2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silan
Microelectronics
SVS7N70F/D/MJ/S/D2_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 4 of 9
TYPICAL CHARACTERISTICS
Figure 2. Transfer Characteristics
0.1
1
10
0
4
6
8
10
Gate-Source Voltage – VGS(V)
300
500
600
0
4
8
Drain Current – ID(A)
Figure 3. On-Resistance vs. Drain
Current
0.2
0.4
0.6
0.8
1.4
1.0
0.1
10
100
Source-Drain Voltage – VSD(V)
Figure 4. Body Diode Forward Voltage vs.
Source Current and Temperature
800
100
-55°C
25°C
150°C
-55°C
25°C
150°C
1
2
VGS=10V
VGS=20V
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
300
500
700
Drain-Source Voltage – VDS(V)
Total Gate Charge – Qg(nC)
10
0
10
1
10
3
10
4
10
2
0
0
5
2
4
6
8
10
12
20
10
VDS=560V
VDS=350V
VDS=140V
Note: ID=7.0A
1.2
400
700
6
Note: TJ=25°C
Notes:
1.250µS pulse test
2.VGS=0V
Notes:
1.250µS pulse test
2.VDS=50V
Figure 1. On-Region Characteristics
Drain-Source Voltage – VDS(V)
0
2
12
0
8
10
4
Notes:
1.250µS pulse test
2.TC=25°C
8
4
6
2
6
2
200
400
600
15
10
VGS=4.0V
VGS=4.5V
VGS=5.0V
VGS=6.0V
VGS=7.0V
VGS=8.0V
VGS=10V
VGS=15V
100
Ciss=Cgs+Cgd(Cds=shorted)
Coss=Cds+Cgd
Crss=Cgd
Notes:
1. VGS=0V
2. f=1MHz
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com