| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS83210 Fiches technique(PDF) 7 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS83210 Fiches technique(HTML) 7 Page - Integrated Device Technology |
|
7 / 9 page ![]() IDT™ / ICS™ LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER 7 ICS83210AY REV. A MAY 15, 2007 ICS83210 LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER -HD VERSION HEAT SLUG DOWN PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD TQFP TABLE 6. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MS-026 N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S A B A M U M I N I ML A N I M O NM U M I X A M N 2 3 A - -- -0 2 . 1 1 A 5 0 . 00 1 . 05 1 . 0 2 A 5 9 . 00 . 15 0 . 1 b 0 3 . 05 3 . 00 4 . 0 c 9 0 . 0- -0 2 . 0 D C I S A B 0 0 . 9 1 D C I S A B 0 0 . 7 2 D . f e R 0 6 . 5 E C I S A B 0 0 . 9 1 E C I S A B 0 0 . 7 2 E . f e R 0 6 . 5 e C I S A B 0 8 . 0 L 5 4 . 00 6 . 05 7 . 0 θθθθθ 0 ° - - 7 ° c c c - -- -0 1 . 0 |