Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1893CKT Fiches technique(PDF) 9 Page - Integrated Circuit Systems

No de pièce ICS1893CKT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CKT Fiches technique(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1893CKT Datasheet HTML 5Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 6Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 7Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 9Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 10Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 11Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 12Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
Chapter 4 Operating Modes Overview
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
9
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Chapter 4 Operating Modes Overview
The ICS1893CF operating modes are typically controlled from software.
The ICS1893CF register bits are accessible through a standard MII (Media Independent Interface) Serial
Management Port.
The ICS1893CF is configured to support the MAC Interface as a 10M MII or a 100M MII. The protocol on
the Medium Dependent Interface (MDI) can be configured to support either 10M or 100M operations in
either half-duplex or full-duplex modes.
The ICS1893CF is fully compliant with the ISO/IEC 8802-3 standard, as it pertains to both 10Base-T and
100Base-TX operations. The feature-rich ICS1893CF allows easy migration from 10-Mbps to 100-Mbps
operations as well as from systems that require support of both 10M and 100M links.
This chapter is an overview of the following ICS1893CF modes of operation:
• Section 4.1, “Reset Operations”
• Section 4.2, “Power-Down Operations”
• Section 4.3, “Automatic Power-Saving Operations”
• Section 4.4, “Auto-Negotiation Operations”
• Section 4.5, “100Base-TX Operations”
• Section 4.6, “10Base-T Operations”
• Section 4.7, “Half-Duplex and Full-Duplex Operations”
• Section 4.8, “Auto-MDI/MDIX Crossover”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More