Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1893CKT Fiches technique(PDF) 114 Page - Integrated Circuit Systems

No de pièce ICS1893CKT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CKT Fiches technique(HTML) 114 Page - Integrated Circuit Systems

Back Button ICS1893CKT Datasheet HTML 110Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 111Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 112Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 113Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 114Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 115Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 116Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 117Page - Integrated Circuit Systems ICS1893CKT Datasheet HTML 118Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
114
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.12 10M MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission)
Table 9-19 lists the significant time periods for the 10M MII carrier assertion/de-assertion during half-duplex
transmission. The time periods consist of timings of signals on the following pins:
• TXEN
• TXCLK
• CRS
Figure 9-13 shows the timing diagram for the time periods.
Figure 9-13. 10M MII Carrier Assertion/De-Assertion Timing Diagram
(Half-Duplex Transmission Only)
Table 9-19. 10M MII Carrier Assertion/De-Assertion (Half-Duplex Transmission Only)
Time
Period
Parameter
Condi-
tions
Min.
Typ.
Max.
Units
t1
TXEN Asserted to CRS Assert
0
–
2
Bit times
t2
TXEN De-Asserted to CRS De-Asserted
0
2
4
Bit times
t2
t1
TXEN
TXCLK
CRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More