| Moteur de recherche de fiches techniques de composants électroniques |
|
PM4354-PI Fiches technique(PDF) 13 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM4354-PI Fiches technique(HTML) 13 Page - PMC-Sierra, Inc |
|
13 / 463 page ![]() RELEASED PM4354 COMET-QUAD DATASHEET PMC-1990315 ISSUE 6 FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER / FRAMER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE xii TABLE 48 - NATIONAL BITS CODEWORD SELECT.......................................................... 243 TABLE 49 - G.704 CRC-4 MULTIFRAME ............................................................................. 244 TABLE 50 - EXAMPLE SA BIT PROGRAMMING ................................................................ 245 TABLE 51 - TIMESLOT 0 BIT POSITION ALLOCATION ..................................................... 260 TABLE 52 - SIGNALING MULTIFRAME TIMESLOT 16, FRAME 0 BIT POSITIONS.......... 263 TABLE 53 - E1-FRMR CODEWORD SELECT..................................................................... 265 TABLE 54 - RECEIVE PACKET BYTE STATUS................................................................... 294 TABLE 55 - CLOCK SYNTHESIS MODE ............................................................................. 299 TABLE 56 - ALOS DETECTION/CLEARANCE THRESHOLDS........................................... 320 TABLE 57 - BOUNDARY SCAN REGISTER........................................................................ 329 TABLE 58 - DEFAULT SETTINGS........................................................................................ 331 TABLE 59 - ESF FRAME FORMAT ...................................................................................... 332 TABLE 60 - SF FRAME FORMAT ........................................................................................ 334 TABLE 61 - T1DM FRAME FORMAT ................................................................................... 335 TABLE 62 - E1 FRAME FORMAT......................................................................................... 336 TABLE 63 - PMON POLLING SEQUENCE .......................................................................... 337 TABLE 64 - ESF FDL PROCESSING ................................................................................... 338 TABLE 65: - PMON COUNTER SATURATION LIMITS (E1 MODE)..................................... 339 TABLE 66: - PMON COUNTER SATURATION LIMITS (T1 MODE) ..................................... 339 TABLE 67: - PERFORMANCE REPORT MESSAGE STRUCTURE AND CONTENTS ....... 350 TABLE 68: - PERFORMANCE REPORT MESSAGE STRUCTURE NOTES ....................... 351 TABLE 69: - PERFORMANCE REPORT MESSAGE CONTENTS....................................... 351 TABLE 70 - T1.102 TRANSMIT WAVEFORM VALUES FOR T1 LONG HAUL (LBO 0 DB):353 TABLE 71 - T1.102 TRANSMIT WAVEFORM VALUES FOR T1 LONG HAUL (LBO 7.5 DB): 354 |