| Moteur de recherche de fiches techniques de composants électroniques |
|
CLX6F-GKB Fiches technique(PDF) 7 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLX6F-GKB Fiches technique(HTML) 7 Page - Cree LED |
|
7 / 10 page ![]() CLX6F-GKB: PLCC6 3 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1380 REV 5 7 MECHANICAL DIMENSIONS All dimensions are in mm. NOTES RoHS Compliance The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree LED representative or from the Product Ecology section of the Cree LED website. Vision Advisory WARNING: Do not look at an exposed lamp in operation. Eye injury can result. ( ) ( ) ( ) ( ) ( ) ( ) |