Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M65KG512AB Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce M65KG512AB
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button M65KG512AB Datasheet HTML 15Page - STMicroelectronics M65KG512AB Datasheet HTML 16Page - STMicroelectronics M65KG512AB Datasheet HTML 17Page - STMicroelectronics M65KG512AB Datasheet HTML 18Page - STMicroelectronics M65KG512AB Datasheet HTML 19Page - STMicroelectronics M65KG512AB Datasheet HTML 20Page - STMicroelectronics M65KG512AB Datasheet HTML 21Page - STMicroelectronics M65KG512AB Datasheet HTML 22Page - STMicroelectronics M65KG512AB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
M65KG526AB
Commands
19/54
Figure 3.
Simplified command state diagram
ai11204b
IDLE
Power-Down
Deep
Power-Down
Extended
Mode Register
Set
Mode Register
Set
Auto Refresh
Self
Refresh
ROW
ACTIVE
Active
Power-Down
READ
WRITE
READA
WRITEA
Precharge
POWER-ON
Automatic Sequence
Manual Input
Deep Power-Down Exit Sequence
MRS
REF
PDEX
PDEN
PDEN
PDEX
Write
Read
Read
Precharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54