| Moteur de recherche de fiches techniques de composants électroniques |
|
CD54HC165 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD54HC165 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 15 page ![]() 2 Functional Diagram TRUTH TABLE OPERATING MODE INPUTS Qn REGISTER OUTPUTS PL CE CP DS D0 - D7 Q0 Q1 - Q6 Q7 Q7 Parallel Load L X X X L L L-L L H L XXX H H H-H H L Serial Shift H L ↑ lX L q0 - q5 q6 q6 HL ↑ hX H q0 - q5 q6 q6 Hold Do Nothing H H X X X q0 q1 - q6 q7 q7 H =High Voltage Level h = High Voltage Level One Set-up Time Prior To The Low-to-high Clock Transition l = Low Voltage Level One Set-up Time Prior To The Low-to-high Clock Transition L = Low Voltage Level X = Don’t Care ↑ = Transition from Low to High Level qn = Lower Case Letters Indicate The State Of the Reference Output Clock Transition 9 7 Q7 Q7 11 12 14 4 3 13 D5 D4 D3 D2 D1 D0 5 D6 6 D7 10 DS CE 2 PL DATA INPUTS SERIAL OUTPUTS CP 15 1 PARALLEL GND = 8 VCC = 16 CD54HC165, CD74HC165, CD54HCT165, CD74HCT165 |