Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9627PCB Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Fiches technique(HTML) 2 Page - Analog Devices

  AD9627PCB Datasheet HTML 1Page - Analog Devices AD9627PCB Datasheet HTML 2Page - Analog Devices AD9627PCB Datasheet HTML 3Page - Analog Devices AD9627PCB Datasheet HTML 4Page - Analog Devices AD9627PCB Datasheet HTML 5Page - Analog Devices AD9627PCB Datasheet HTML 6Page - Analog Devices AD9627PCB Datasheet HTML 7Page - Analog Devices AD9627PCB Datasheet HTML 8Page - Analog Devices AD9627PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 2 of 40
TABLE OF CONTENTS
General Description ......................................................................... 3
Product Highlights ....................................................................... 3
Specifications..................................................................................... 4
ADC DC Specifications ............................................................... 4
ADC AC Specifications ............................................................... 5
Digital specifications.................................................................... 6
switching specifications ............................................................... 7
Absolute Maximum Ratings............................................................ 8
Thermal Characteristics .............................................................. 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Equivalent circuits .......................................................................... 12
Typical Performance Characteristics ........................................... 13
Timing Diagrams............................................................................ 14
Terminology .................................................................................... 15
Theory of Operation ...................................................................... 16
ADC Architecture ...................................................................... 16
Analog Input Considerations.................................................... 16
Voltage Reference ....................................................................... 18
Clock Input Considerations ...................................................... 19
Power Dissipation and Standby Mode..................................... 21
Digital Outputs ........................................................................... 21
Timing.......................................................................................... 22
ADC OVERRANGE and GaIN control ...................................... 23
Fast detect overview ................................................................... 23
ADC Fast Magnitude ................................................................. 23
ADC overrange (OVR).............................................................. 24
Gain Switching............................................................................ 24
SIGNAL Monitor............................................................................ 26
Peak Detector Mode (Mode Bits 01) ....................................... 26
RMS/MS Magnitude Mode (Mode Bits 00)............................ 26
Threshold Crossing Mode (Mode Bits 1x).............................. 27
Additional Control Bits ............................................................. 27
DC Correction ............................................................................ 28
Signal monitor SPORT OUTPUT............................................ 28
Built-In Self-Test (BIST) and Output test ................................... 29
Built in self test (BIST)............................................................... 29
output test modes ....................................................................... 29
Channel/Chip Synchronization.................................................... 30
Serial Port Interface (SPI).............................................................. 31
Configuration Using the SPI..................................................... 31
Hardware Interface..................................................................... 31
Configuration WITHOUT the SPI.......................................... 32
Memory Map .............................................................................. 32
SPI Accessible Features.............................................................. 32
External memory MaP................................................................... 34
memory map register description............................................ 37
Applications..................................................................................... 38
Design Guidelines ...................................................................... 38
AD9627 Evaluation Board and Software..................................... 39
Outline Dimensions ....................................................................... 40
Ordering Guide .......................................................................... 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40