| Moteur de recherche de fiches techniques de composants électroniques |
|
PCR08051M0D Fiches technique(PDF) 2 Page - Welwyn Components Limited |
|
|
|||||||||||||||||||||||||||||
PCR08051M0D Fiches technique(HTML) 2 Page - Welwyn Components Limited |
|
2 / 2 page ![]() Precision Thick Film Surface Mounted Resistors PCR Series © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Issue D · 08.04 Welwyn Components 34 Maximum Typical Load at rated power: 1000 hours at 70°C ∆R% 10 - 25k: 0.10 10 - 25k: 0.05 >25k - 1M: 0.4 >25k - 1M: 0.2 Load at rated power: 8000 hours at 70°C ∆R% 10 - 25k: 0.20 10 - 25k: 0.10 >25k - 1M: 0.80 >25k - 1M: 0.4 Load at 50% rated power: 1000 hours at 70°C ∆R% 10 - 1M: 0.10 10 - 1M: 0.03 Load at 50% rated power: 8000 hours at 70°C ∆R% 10 - 1M: 0.20 10 - 1M: 0.06 Shelf life: 12 months at room temperature ∆R% 0.05 0.01 Derating from rated power at 70°C Zero at 155°C Overload ∆R% 0.04 Dry heat: 1000 hours at 155°C ∆R% 0.1 0.04 Long term damp heat ∆R% 0.1 0.04 Temperature rapid change ∆R% 0.03 0.01 Resistance to solder heat ∆R% 0.10 0.02 Voltage proof volts 500 Operating Temperature Range The chips can operate at a maximum temperature of 155°C (see Performance Data). For soldered chips, the joint temperature should not exceed 110°C. This condition is met when the stated power levels at 70°C are used. Mounting This chip resistor is ideally suited for handling by automatic methods due to its rectangular shape and the small dimensional tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by wire bonding (eg suffix ‘G’ in PCR0805G) or by reflow soldering of wrap-around terminations (eg suffix ‘F’ in PCR0805F). The ‘F’ terminations provide good leach properties and ensure reliable contact. Due to the robust construction the resistor chip can be immersed in the solder bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side of a printed circuit and other wire-leaded components on the other side. Performance Data Size/Tol.% 1 0.5 0.25 0.1 PCR0805 10 to 1M 10 to 1M 100 to 1M 100 to 1M PCR1005 10 to 1M 10 to 1M 100 to 1M 100 to 1M PCR1206 10 to 1M 10 to 1M 100 to 1M 100 to 1M Value Ranges Application Notes Packaging Resistor chips are supplied taped and reeled on standard 8mm tape to IEC 286-3. Quantity per reel 3000 max. Planar Terminations Resistor chips are supplied in waffle packs. Type 1206 1M0 B Resistance value (IEC62 code) Tolerance (IEC62 code) B 0.1% C 0.25% D 0.5% Specify type reference, value and tolerance as shown in this example of PCR1206 1M0 0.1%: Ordering Procedure PCR_D.qxd 8/9/04 3:54 PM Page 2 |