Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS621 Fiches technique(PDF) 8 Page - Integrated Device Technology

No de pièce ICS621
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS621 Fiches technique(HTML) 8 Page - Integrated Device Technology

Back Button ICS621 Datasheet HTML 2Page - Integrated Device Technology ICS621 Datasheet HTML 3Page - Integrated Device Technology ICS621 Datasheet HTML 4Page - Integrated Device Technology ICS621 Datasheet HTML 5Page - Integrated Device Technology ICS621 Datasheet HTML 6Page - Integrated Device Technology ICS621 Datasheet HTML 7Page - Integrated Device Technology ICS621 Datasheet HTML 8Page - Integrated Device Technology ICS621 Datasheet HTML 9Page - Integrated Device Technology ICS621 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ICS621
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
8
ICS621
REV B 030907
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) result from
its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other
applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are
not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS621MI
ICS621MI
Tubes
8-pin SOIC
-40 to +85
°C
ICS621MIT
ICS621MI
Tape and Reel
8-pin SOIC
-40 to +85
°C
ICS621MILF
621MILF
Tubes
8-pin SOIC
-40 to +85
°C
ICS621MILFT
621MILF
Tape and Reel
8-pin SOIC
-40 to +85
°C
ICS621M
ICS621M
Tubes
8-pin SOIC
0 to +70
°C
ICS621MT
ICS621M
Tape and Reel
8-pin SOIC
0 to +70
°C
ICS621MLF
621MLF
Tubes
8-pin SOIC
0 to +70
°C
ICS621MLFT
621MLF
Tape and Reel
8-pin SOIC
0 to +70
°C
ICS621NLFT
621NLF
Tape and Reel
8-pin DFN
0 to +70
°C
ICS621NILFT
621NILF
Tape and Reel
8-pin DFN
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10