| Moteur de recherche de fiches techniques de composants électroniques |
|
MF1/2S Fiches technique(PDF) 1 Page - Welwyn Components Limited |
|
|
|||||||||||||||||||||||||||||
MF1/2S Fiches technique(HTML) 1 Page - Welwyn Components Limited |
|
1 / 2 page ![]() Power Metal Film Resistors MF-S Series • Small size for power rating • Range of 4 sizes: 0.5 watt to 3 watt at 70˚C • Flameproof protection MF1/2S MF1S MF2S MF3S 0 . 3 0 . 2 0 . 1 5 . 0 s t t a w C ˚ 0 7 t a g n i t a r r e w o P k 0 7 4 – 1 R 0 M 1 – 1 R 0 s m h o e g n a r e c n a t s i s e R 0 5 3 s t l o v e g a t l o v t n e m e l e g n i t i m i L 0 1 < 0 5 1 C ˚ / m p p R C T :350 10 :150 0 0 7 0 0 5 s t l o v e g a t l o v n o i t a l o s I % e c n a r e l o t e c n a t s i s e R 1 : 5, 10 >1 : 1, 2, 5 Standard values E24 preferred 0 6 0 8 0 1 1 0 4 1 t t a w / C ˚ e c n a d e p m i l a m r e h T 5 5 1 o t 5 5 - C ˚ e g n a r e r u t a r e p m e t t n e i b m A General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data and is considered accurate at time of going to print. © Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Electrical Data Issue C · 01.06 A subsidiary of TT electronics plc Welwyn Components 147 Dimensions (mm) & Weight (g) PCB Min. mounting bend Type L Max D Max f min d nom centres radius Wt.nom MF1/2S 6.2 2.5 21.0 0.6 1.02 0.6 0.3 MF1S 9.0 3.6 19.6 0.8 12.7 1.2 0.5 MF2S 12.5 4.2 17.8 0.8 18.4 1.2 0.9 MF3S 14.5 5.3 23.8 0.8 20.3 1.2 1.1 Physical Data L D f d 10.2 Issue D · 01.07 |
Numéro de pièce similaire - MF1/2S |
|
Description similaire - MF1/2S |