Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRZ Fiches technique(PDF) 3 Page - Welwyn Components Limited

No de pièce LRZ
Description  High Current Jumper Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WELWYN [Welwyn Components Limited]
Site Internet  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LRZ Fiches technique(HTML) 3 Page - Welwyn Components Limited

  LRZ Datasheet HTML 1Page - Welwyn Components Limited LRZ Datasheet HTML 2Page - Welwyn Components Limited LRZ Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Current Jumper Chip
LRZ Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 02.05
Packaging
LRZ jumper chips are supplied taped and reeled as per IEC 286-3.
2.5 ± 0.5
13 ± 0.5
33 ± 1.0
Marking
0.8 ± 0.15
Wr
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
Tape and Reel Dimensions (mm)
Qty.
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
per
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05 Nom. ±0.15 reel
0805
9
8
4
4
2
1.5
1
1.75
3.5
1.45
2.3
1.0
0.2
0.05
1.3
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
8
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21 3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45 1800
Type
LRZ
1206
R000
LRZ - Zero Ohm Jumper
Size
1206; 2010; 2512
Resistance Code
Value R000 only
Ordering Procedure
Specify type reference etc. as shown in this example of LRZ1206:
Welwyn Components
Welwyn Components
LRZ_B.qxd
2/16/05
3:49 PM
Page 3



Html Pages

1 2 3