Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS-2B Fiches technique(PDF) 3 Page - Welwyn Components Limited

No de pièce AS-2B
Description  Semi-Precision Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WELWYN [Welwyn Components Limited]
Site Internet  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

AS-2B Fiches technique(HTML) 3 Page - Welwyn Components Limited

  AS-2B Datasheet HTML 1Page - Welwyn Components Limited AS-2B Datasheet HTML 2Page - Welwyn Components Limited AS-2B Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semi-Precision Power
Wirewound Resistor
AS Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 03.06
Welwyn Components
Type
AS1/4
1K0
J
Resistance value
(IEC62 code)
Tolerance
(IEC62 code)
Specify type reference, value and tolerance as shown in this example of AS1/4 1K0 5%:
Ordering Procedure
F1%
G2%
J5%



Html Pages

1 2 3