Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS44800 Fiches technique(PDF) 35 Page - Cirrus Logic

No de pièce CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Fiches technique(HTML) 35 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 31Page - Cirrus Logic CS44800 Datasheet HTML 32Page - Cirrus Logic CS44800 Datasheet HTML 33Page - Cirrus Logic CS44800 Datasheet HTML 34Page - Cirrus Logic CS44800 Datasheet HTML 35Page - Cirrus Logic CS44800 Datasheet HTML 36Page - Cirrus Logic CS44800 Datasheet HTML 37Page - Cirrus Logic CS44800 Datasheet HTML 38Page - Cirrus Logic CS44800 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
DS632F1
35
CS44800
4.5.10
Power Supply Rejection (PSR) Real-Time Feedback
Inherent to most Class D power amplifier solutions is the requirement for a clean and well-regulated high
voltage power supply. Any noise or tones present on the power rail will couple through each channel’s
power MOSFET output device. These spurious distortion components on the output signal consist of dis-
crete tones, which can be audible from the speaker, and tones that modulate around the audio signal be-
ing played.
To remove the requirement for a well-regulated power supply, and therefore reduce overall system costs,
the rejection of harmonic distortion from the power supply and tones coupled onto the power rail is ac-
complished by the patented power supply rejection realtime feedback. By using the CS4461 and associ-
ated attenuation circuitry, the scaled AC and DC components of the power supply rail are fed back into
the PWM modulator. All delays through the feedback path have been minimized such that the noise can-
cellation is accomplished in real-time allowing for substantial noise rejection within the output audio signal.
See “Typical Connection Diagrams” on page 22 for examples on how to connect the external ADC
(CS4461) to the CS44800 for PSR feedback, “Recommended PSR Calibration Sequence” on page 44,
and the CS4461 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80