| Moteur de recherche de fiches techniques de composants électroniques |
|
CS44600 Fiches technique(PDF) 39 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS44600 Fiches technique(HTML) 39 Page - Cirrus Logic |
|
39 / 76 page ![]() DS633F1 39 CS44600 Figure 28 shows the recommended crystal circuit layout. U1 is the CS44600. C1 and C2 are the VDX power supply decoupling capacitors. Y1 is the crystal and C3, C4, L1 and C5 are the associated components for the crystal circuit. L1 and C5 are only used for 3rd overtone crystals. C3 and C4 should have a C0G (NPO) dielectric. Care should be taken to minimize the distance between the CS44600 XTI/XTO pins and C3. Top and bottom ground fill should be used as much as possible around and in between all crystal circuit components to minimize noise. Figure 28. Recommended CS44600 Crystal Circuit Layout |