Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8420-CSZ Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Fiches technique(HTML) 5 Page - Cirrus Logic

  CS8420-CSZ Datasheet HTML 1Page - Cirrus Logic CS8420-CSZ Datasheet HTML 2Page - Cirrus Logic CS8420-CSZ Datasheet HTML 3Page - Cirrus Logic CS8420-CSZ Datasheet HTML 4Page - Cirrus Logic CS8420-CSZ Datasheet HTML 5Page - Cirrus Logic CS8420-CSZ Datasheet HTML 6Page - Cirrus Logic CS8420-CSZ Datasheet HTML 7Page - Cirrus Logic CS8420-CSZ Datasheet HTML 8Page - Cirrus Logic CS8420-CSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
DS245F4
5
CS8420
Figure 35.Consumer Input Circuit ............................................................................................................. 80
Figure 36.TTL/CMOS Input Circuit ............................................................................................................ 80
Figure 37.Channel Status Data Buffer Structure ....................................................................................... 81
Figure 38.Channel Status Block Handling When Fso is Not Equal to Fsi ................................................. 82
Figure 39.Flowchart for Reading the E Buffer ........................................................................................... 82
Figure 40.Flowchart for Writing the E Buffer ............................................................................................. 83
Figure 41.PLL Block Diagram ................................................................................................................... 87
Figure 42.Recommended Layout Example ............................................................................................... 88
Figure 43.Jitter Tolerance Template ......................................................................................................... 90
Figure 44.Revision D Jitter Attenuation ..................................................................................................... 90
Figure 45.Revision D1 Jitter Attenuation ................................................................................................... 90
LIST OF TABLES
Table 1. Minimizing Group Delay Through Multiple CS8420s When Locking to RXP/RXN ...................... 28
Table 2. Minimizing Group Delay Through Multiple CS8420s When Locking to ILRCK ........................... 28
Table 3. Non-SRC Delay ........................................................................................................................... 29
Table 4. Summary of all Bits in the Control Register Map ........................................................................ 33
Table 5. Hardware Mode Definitions ......................................................................................................... 55
Table 6. Serial Audio Output Formats Available in Hardware Mode ......................................................... 55
Table 7. Serial Audio Input Formats Available in Hardware Mode ............................................................ 55
Table 8. Hardware Mode 1 Start-Up Options ............................................................................................ 56
Table 9. HW Mode 2A COPY/C and ORIG/U Pin Function ...................................................................... 60
Table 10. HW Mode 2 Serial Audio Port Format Selection ....................................................................... 60
Table 11. Hardware Mode 2 Start-Up Options .......................................................................................... 60
Table 12. Hardware Mode 3 Start-Up Options .......................................................................................... 64
Table 13. Hardware Mode 4 Start-Up Options .......................................................................................... 68
Table 14. Hardware Mode 5 Start-Up Options .......................................................................................... 71
Table 15. HW 6 COPY/C and ORIG Pin Function ....................................................................................75
Table 16. HW 6 Serial Port Format Selection ........................................................................................... 75
Table 17. Second Line Part Marking ......................................................................................................... 88
Table 18. Locking to RXP/RXN - Fs = 8 to 96 kHz ................................................................................... 89
Table 19. Locking to RXP/RXN - Fs = 32 to 96 kHz* ................................................................................ 89
Table 20. Locking to the ILRCK Input ....................................................................................................... 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94