| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8420-CSR Fiches technique(PDF) 69 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8420-CSR Fiches technique(HTML) 69 Page - Cirrus Logic |
|
69 / 94 page ![]() DS245F4 69 CS8420 13.5.1 Pin Description - Hardware Mode 4 Overall Device Control: DFC0, DFC1 - Data Flow Control Inputs DFC0 and DFC1 inputs determine the major data flow options available in Hardware mode, according to Table 5. Audio Input Interface: SDIN - Serial Audio Input Port Data Input Audio data serial input pin. This data will be transmitted out the AES3 port. ISCLK - Serial Audio Input Port Bit Clock Input or Output Serial bit clock for audio data on the SDIN pin. ILRCK - Serial Audio Input Port Left/Right Clock Input or Output Word rate clock for the audio data on the SDIN pin. The frequency will be at the input sample rate (Fsi) APMS - Serial Audio Input Port Master or Slave APMS should be connected to VD+ to set serial audio input port as a master, or connected to DGND to set the port as a slave. Audio Output Interface: SDOUT - Serial Audio Output Port Data Output Audio data serial output pin. This is also a start-up option pin, and requires a pull-up or pull-down resistor. |