Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXAS30KFA Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce PXAS30KFA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KFA Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button PXAS30KFA Datasheet HTML 2Page - NXP Semiconductors PXAS30KFA Datasheet HTML 3Page - NXP Semiconductors PXAS30KFA Datasheet HTML 4Page - NXP Semiconductors PXAS30KFA Datasheet HTML 5Page - NXP Semiconductors PXAS30KFA Datasheet HTML 6Page - NXP Semiconductors PXAS30KFA Datasheet HTML 7Page - NXP Semiconductors PXAS30KFA Datasheet HTML 8Page - NXP Semiconductors PXAS30KFA Datasheet HTML 9Page - NXP Semiconductors PXAS30KFA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
6
BLOCK DIAGRAM
Timer 0, 1
I2C
UART 1
UART 0
XA CPU Core
Timer 2
Watchdog
Timer
Port 0
Port 1
Port 2
1024 Bytes
Static RAM
32K Bytes
ROM/EPROM
SFR
bus
Port 3
Port 4
Input Port/
A/D
PCA
Program
Memory
Bus
Data
Bus
Port 6
Port 5
SU00846



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52