Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXAS37KBBE Fiches technique(PDF) 49 Page - NXP Semiconductors

No de pièce PXAS37KBBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS37KBBE Fiches technique(HTML) 49 Page - NXP Semiconductors

Back Button PXAS37KBBE Datasheet HTML 44Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 45Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 46Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 47Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 48Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 49Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 50Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 51Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 52Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
49
PLCC68:
plastic leaded chip carrier; 68 leads; pedestal
SOT188-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52