| Moteur de recherche de fiches techniques de composants électroniques |
|
PWD5T60 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PWD5T60 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 27 page ![]() 6.3 VCC UVLO protection Undervoltage protection is available on VCC and BOOT supply pins. In order to avoid intermittent operation, a hysteresis sets the turn-off threshold with respect to the turn-on threshold. When VCC voltage goes below the VCCthOFF threshold, all the outputs are switched off, both LVG and HVG. When VCC voltage reaches the VCCthON threshold, the driver returns to normal operation and sets the LVG outputs according to actual input pin status; HVG is also set according to input pin status if the corresponding VBO section is not in UVLO condition. The FAULT output is kept low when VCC is in UVLO condition. The following figures show some examples of typical operation conditions. Figure 11. VCC power ON and UVLO, LVG timing VCC VCCthON VCCthOFF FAULT LVG LIN UVLO VCC 0V 0V 0V 0V VCC CHARGE Vil Vih Figure 12. VCC power ON and UVLO, HVG timing VCC VCCthON VCCthOFF FAULT HVG-OUT HIN UVLO VCC 0V 0V 0V 0V VBO VBOthON VBOthOFF 0V Vil Vih PWD5T60 Functional description DS14558 - Rev 2 page 13/27 |