Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP86950GLVT Fiches technique(PDF) 13 Page - Monolithic Power Systems

No de pièce MP86950GLVT
Description  Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86950GLVT Fiches technique(HTML) 13 Page - Monolithic Power Systems

Back Button MP86950GLVT Datasheet HTML 7Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 8Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 9Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 10Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 11Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 12Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 13Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 14Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP86950
– INTELLI-PHASETM SOLUTION
W/ INTEGRATED MOSFETS AND DRIVERS
MP86950 Rev. 1.0
www.MonolithicPower.com
13
12/18/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE INFORMATION
TLGA-27 (4mmx5mm)
SIDE VIEW
BOTTOM VIEW
TOP VIEW
RECOMMENDED LAND PATTERN
PIN 1 ID
INDEX AREA
PIN 1 ID
MARKING
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) LEAD COPLANARITY SHALL BE 0.1
MILLIMETERS MAXIMUM.
3) JEDEC REFERENCE IS MO-303.
4) DRAWING IS NOT TO SCALE.
PIN 1 ID
0.30X45° TYP
RECOMMENDED STENCIL DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15