Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP6908 Fiches technique(PDF) 12 Page - Monolithic Power Systems

No de pièce MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Fiches technique(HTML) 12 Page - Monolithic Power Systems

Back Button MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems MP6908 Datasheet HTML 10Page - Monolithic Power Systems MP6908 Datasheet HTML 11Page - Monolithic Power Systems MP6908 Datasheet HTML 12Page - Monolithic Power Systems MP6908 Datasheet HTML 13Page - Monolithic Power Systems MP6908 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
12
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Sensing for VD/VSS
1. Make the sensing connection (VD/VSS) as
close
as
possible
to
the
MOSFET
(drain/source).
2. Make the sensing loop as small as possible.
3. Keep the IC out of the power loop to prevent
the sensing loop and power loop from
interrupting each other (see Figure 9).
VD
VSS
G
D
S
Sensing loops separated
from power loop
Sensing loop as
small as
possible
Figure 9: Voltage Sensing for VD/VSS
4. Place a decoupling ceramic capacitor from
VDD to PGND close to the IC for adequate
filtering.
Gate Driver Loop
1. Make the gate driver loop as small as
possible
to
minimize
the
parasitic
inductance.
2. Keep the driver signal far away from the VD
sensing trace on the layout.
Layout Example
Figure 10 shows a layout example of a single
layer with a through-hole transformer and a
TO220 package SR MOSFET. RSN and CSN
are the RC snubber network for the SR
MOSFET. The sensing loop (VD and VSS to
the SR MOSFET) is minimized and kept
separate from the power loop. The VDD
decoupling capacitor (C2) is placed beside VDD.
Figure 11 shows another layout example of a
single layer with a PowerPAK/SO8 package SR
MOSFET, which also has a minimized sensing
loop and power loop to prevent the loops from
interfering with one another.
G
D
S
Q1
U1
R1
C2
R2
C1
RSN
CSN
LAYOUT TRACE
COMPONENTS PAD
JUMP WIRE
4
5
6
2
3
1
Figure 10: Layout Example with TO220 Package
SR MOSFET
Q1
R2
U1
R1
C2
LAYOUT TRACE
COMPONENTS PAD
JUMP WIRE
C1
RSN
CSN
Figure 11: Layout Example with PowerPAK/SO8
SR MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14