Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PACE1757ME Fiches technique(PDF) 14 Page - Pyramid Semiconductor Corporation

No de pièce PACE1757ME
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PYRAMID [Pyramid Semiconductor Corporation]
Site Internet  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757ME Fiches technique(HTML) 14 Page - Pyramid Semiconductor Corporation

Back Button PACE1757ME Datasheet HTML 10Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 11Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 12Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 13Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 14Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 15Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 16Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 17Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 18Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
PACE 1757 M/ME
Page 14 of 34
Document # MICRO-10 REV B
RDYD TIMING
TEST END TIMING1
Notes:
1. The last two instructions executed during system test are: XIO RA, 1F44, 0 and JC 7, 0000 hex, 0. After execution of the
IOW bus cycle, the
XIO proceeds by filling the instruction pipe with two memory read bus cycles where the opcode 7070 hex and 0000 hex are entered to the
processor. As from the end of
STRBD in the second cycle, TEST END is asserted. At this point, the execution of IC starts by first issuing two
fetch cycles from the "old PC" (from addresses XXXX & XXXX +1). The data will be taken from system memory (because TEST END is
asserted) but both the address and data are irrelevant. Following that, IC will start filling the pipe from address 0000 hex and 0001 hex, now
from the system memory to start user's program execution.
2. All time measurements on active signals relate to 1.5V levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34