Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFOE-LE-T-R14-Q8 Fiches technique(PDF) 1 Page - Festo Corporation.

No de pièce VFOE-LE-T-R14-Q8
Description  One-way flow control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VFOE-LE-T-R14-Q8 Fiches technique(HTML) 1 Page - Festo Corporation.

  VFOE-LE-T-R14-Q8 Datasheet HTML 1Page - Festo Corporation. VFOE-LE-T-R14-Q8 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
One-way flow control valve
VFOE-LE-T-R14-Q8
Part number: 8068738
General operating condition
Data sheet
Feature
Value
Valve function
Exhaust air flow control non-return function
Pneumatic connection 1
QS-8
Pneumatic connection 2
R1/4
Actuation type
Manual
Adjusting element
Rotary knob with detent
Type of mounting
Screw-in
Standard nominal flow rate in flow control direction
500 l/min
Standard nominal flow rate in non-return direction
370 l/min ... 500 l/min
Ambient temperature
-10 °C ... 60 °C
Housing material
PBT
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Mounting position
Any
Symbol
00991452
Width across flats
16 mm
Rotatability
360 deg/continuous swiveling not permissible
Operating pressure for entire temperature range
0.02 MPa ... 1 MPa
Operating pressure for entire temperature range
0.2 bar ... 10 bar
Operating pressure for entire temperature range
2.9 psi ... 145 psi
Standard flow rate in flow control direction 6 -> 0 bar
810 l/min
Standard flow rate in non-return direction at 6 -> 0 bar
750 l/min ... 900 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364 zone III
Cleanroom class
Class 4 according to ISO 14644-1
Temperature of medium
-10 °C ... 60 °C
Product weight
16 g
Note on materials
RoHS-compliant
Cover material
PBT
Material of dynamic seals
HNBR
Threaded bolt material
Steel, galvanized
Releasing ring material
PBT
10/23/24 - Subject to change - Festo SE & Co. KG
1/2


Numéro de pièce similaire - VFOE-LE-T-R14-Q8

FabricantNo de pièceFiches techniqueDescription
logo
Festo Corporation.
VFOE-LE-T-R14-Q8-F1A FESTO-VFOE-LE-T-R14-Q8-F1A Datasheet
118Kb / 2P
One-way flow control valve
More results

Description similaire - VFOE-LE-T-R14-Q8

FabricantNo de pièceFiches techniqueDescription
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
151190 FESTO-151190 Datasheet
94Kb / 1P
One-way flow control valve
152611 FESTO-152611 Datasheet
91Kb / 1P
One-way flow control valve
161407 FESTO-161407 Datasheet
86Kb / 2P
One-way flow control valve
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
162968 FESTO-162968 Datasheet
87Kb / 2P
One-way flow control valve
175041 FESTO-175041 Datasheet
96Kb / 1P
One-way flow control valve
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com