| Moteur de recherche de fiches techniques de composants électroniques |
|
STW5094ADT Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5094ADT Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 51 page ![]() STw5094A 24/51 Table 1. Tone generator frequency versus CR13 CR14 register correspondence in voice mode and tone mode only (when the master clock is AUXCLK or MCLK) CR13/14 Value (dec.) F1/F2 Tone Frequency (Hz) CR13/14 Value (dec.) F1/F2 Tone Frequency (Hz) CR13/14 Value (dec.) F1/F2 Tone Frequency (Hz) CR13/14 Value (dec.) F1/F2 Tone Frequency (Hz) 0 0.0 64 250.0 128 750.0 192 1750.0 1 3.9 65 257.8 129 765.6 193 1781.2 2 7.8 66 265.6 130 781.2 194 1812.5 3 11.7 67 273.4 131 796.9 195 1843.8 4 15.6 68 281.2 132 812.5 196 1875.0 5 19.5 69 289.1 133 828.1 197 1906.2 6 23.4 70 296.9 134 843.8 198 1937.5 7 27.3 71 304.7 135 859.4 199 1968.8 8 31.2 72 312.5 136 875.0 200 2000.0 9 35.2 73 320.3 137 890.6 201 2031.2 10 39.1 74 328.1 138 906.2 202 2062.5 11 43.0 75 335.9 139 921.9 203 2093.8 12 46.9 76 343.8 140 937.5 204 2125.0 13 50.8 77 351.6 141 953.1 205 2156.2 14 54.7 78 359.4 142 968.8 206 2187.5 15 58.6 79 367.2 143 984.4 207 2218.8 16 62.5 80 375.0 144 1000.0 208 2250.0 17 66.4 81 382.8 145 1015.6 209 2281.2 18 70.3 82 390.6 146 1031.2 210 2312.5 19 74.2 83 398.4 147 1046.9 211 2343.8 20 78.1 84 406.2 148 1062.5 212 2375.0 21 82.0 85 414.1 149 1078.1 213 2406.2 22 85.9 86 421.9 150 1093.8 214 2437.5 23 89.8 87 429.7 151 1109.4 215 2468.8 24 93.8 88 437.5 152 1125.0 216 2500.0 25 97.7 89 445.3 153 1140.6 217 2531.2 26 101.6 90 453.1 154 1156.2 218 2562.5 27 105.5 91 460.9 155 1171.9 219 2593.8 28 109.4 92 468.8 156 1187.5 220 2625.0 29 113.3 93 476.6 157 1203.1 221 2656.2 30 117.2 94 484.4 158 1218.8 222 2687.5 31 121.1 95 492.2 159 1234.4 223 2718.8 32 125.0 96 500.0 160 1250.0 224 2750.0 33 128.9 97 507.8 161 1265.6 225 2781.2 34 132.8 98 515.6 162 1281.2 226 2812.5 35 136.7 99 523.4 163 1296.9 227 2843.8 36 140.6 100 531.2 164 1312.5 228 2875.0 37 144.5 101 539.1 165 1328.1 229 2906.2 38 148.4 102 546.9 166 1343.8 230 2937.5 39 152.3 103 554.7 167 1359.4 231 2968.8 40 156.2 104 562.5 168 1375.0 232 3000.0 41 160.2 105 570.3 169 1390.6 233 3031.2 42 164.1 106 578.1 170 1406.2 234 3062.5 43 168.0 107 585.9 171 1421.9 235 3093.8 44 171.9 108 593.8 172 1437.5 236 3125.0 45 175.8 109 601.6 173 1453.1 237 3156.2 46 179.7 110 609.4 174 1468.8 238 3187.5 47 183.6 111 617.2 175 1484.4 239 3218.8 48 187.5 112 625.0 176 1500.0 240 3250.0 49 191.4 113 632.8 177 1515.6 241 3281.2 50 195.3 114 640.6 178 1531.2 242 3312.5 51 199.2 115 648.4 179 1546.9 243 3343.8 52 203.1 116 656.2 180 1562.5 244 3375.0 53 207.0 117 664.1 181 1578.1 245 3406.2 54 210.9 118 671.9 182 1593.8 246 3437.5 55 214.8 119 679.7 183 1609.4 247 3468.8 56 218.8 120 687.5 184 1625.0 248 3500.0 57 222.7 121 695.3 185 1640.6 249 3531.2 58 226.6 122 703.1 186 1656.2 250 3562.5 59 230.5 123 710.9 187 1671.9 251 3593.8 60 234.4 124 718.8 188 1687.5 252 3625.0 61 238.3 125 726.6 189 1703.1 253 3656.2 62 242.2 126 734.4 190 1718.8 254 3687.5 63 246.1 127 742.2 191 1734.4 255 3718.8 |