| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79R70 Fiches technique(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79R70 Fiches technique(HTML) 12 Page - Advanced Micro Devices |
|
12 / 20 page ![]() 12 Am79R70 Data Sheet DC FEED CHARACTERISTICS IL (mA) 0 30 50 VAB (Volts) 2) VASL 3) VAPPL 40 30 20 10 5) VAPPH 4) VASH Figure 1. Typical VAB vs. IL DC Feed Characteristics Notes: 1. Constant-current region: where 2. Low battery where RSGL = resistor to GND, B2EN = logic Low. Anti-sat region: where RSGL = resistor to VCC, B2EN = logic Low. RSGL to VCC must be greater than 100 kΩ. 3. 4. High battery Anti-sat region: where RSGH = resistor to GND, B2EN = logic High. where RSGH = resistor to VCC, B2EN = logic High. RSGH to VCC must be greater than 100 kΩ. 5. R DC R DC1 R DC 2 20 k Ω 80 kΩ 100 kΩ = + = + = V BAT1 67 V V BAT2 24 V – = , – = () V AB I LRL 2500 RDC -------------R L; = = R L R = L 2R F + V ASL 1000 104 • 10 3 R SGL + () • 6720 10 • 3 80 R SGL • () + ------------------------------------------------------------------- ; = V ASL 1000 R SGL 56 10 3 • – () • 6720 10 3 • 80 R SGL • () + --------------------------------------------------------------- ; = V APPL 4.17 V ASL + = I LOOPL V APPL R DC1 R DC 2 + () 600 -------------------------------------- 2R F R LOOP ++ ------------------------------------------------------------------------------- = V ASH V ASHH V ASL + = V ASHH 1000 70 10 3 • R SGH + () • 1934 10 3 • 31.75 R SGH • () + ----------------------------------------------------------------------- ; = V ASHH 1000 R SGH 2.75 10 3 • + () • 1934 10 3 • 31.75 R SGH • () + ----------------------------------------------------------------------- ; = V APPH 4.17 V ASH + = I LOOPH V APPH R DC 1 R DC2 + () 600 -------------------------------------- 2R F R LOOP ++ ------------------------------------------------------------------------------- = High Battery Anti-Sat Low Battery Anti-Sat 1) Constant-Current Region |