Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F258-E/SP Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce PIC18F258-E/SP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SP Fiches technique(HTML) 17 Page - Microchip Technology

Back Button PIC18F258-E/SP Datasheet HTML 13Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 14Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 15Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 16Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 17Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 18Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 19Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 20Page - Microchip Technology PIC18F258-E/SP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 15
PIC18FXX8
PORTE is a bidirectional I/O port.
RE0/AN5/RD
RE0
AN5
RD
—8
25
9
I/O
I
I
ST
Analog
TTL
Digital I/O.
Analog input 5.
Read control for Parallel Slave
Port (see WR and CS pins).
RE1/AN6/WR/C1OUT
RE1
AN6
WR
C1OUT
—9
26
10
I/O
I
I
O
ST
Analog
TTL
Analog
Digital I/O.
Analog input 6.
Write control for Parallel Slave
Port (see CS and RD pins).
Comparator 1 output.
RE2/AN7/CS/C2OUT
RE2
AN7
CS
C2OUT
—10
27
11
I/O
I
I
O
ST
Analog
TTL
Analog
Digital I/O.
Analog input 7.
Chip select control for Parallel
Slave Port (see RD and WR
pins).
Comparator 2 output.
VSS
19, 8
12, 31
6, 29
13, 34
—
—
Ground reference for logic and
I/O pins.
VDD
20
11, 32
7, 28
12, 35
—
—
Positive supply for logic and I/O
pins.
TABLE 1-2:
PIC18FXX8 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F248/258
PIC18F448/458
SPDIP, SOIC
PDIP
TQFP
PLCC
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More