| Moteur de recherche de fiches techniques de composants électroniques |
|
SLE Fiches technique(PDF) 49 Page - Winchester Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
SLE Fiches technique(HTML) 49 Page - Winchester Electronics Corporation |
|
49 / 93 page ![]() DIMENSIONS HOODS - DRAWN ALUMINUM Dimensions are for reference only and are subject to change. Outline drawings on request. Hood Dimensions Part Number A B C D E H G XMRA 34-0800 2.09 .84 1.16 2.58 .64x.75 1.06 1.688 XMRA 50-8-0800 2.38 1.22 1.16 2.91 .84 D 1.34 1.969 XMRA 66-0800 2.38 1.22 1.16 2.91 .84D 1.34 1.969 XMRA 104-0800 2.84 1.63 2.22 3.38 1.19D 1.63 2.375 XMRA 34-0800D 2.09 .84 1.17 2.58 .64x.75 1.688 1.06 XMRA 50-8-0800D 2.38 1.22 1.17 2.91 .84D 1.969 1.34 XMRA 66-0800D 2.38 1.22 1.17 2.91 .84D 1.969 1.34 XMRA 104-0800D 2.84 1.63 2.23 3.38 1.19D 2.375 1.63 XMRA 34-0200 2.09 .84 1.16 2.58 .64X.75 1.06 – XMRA 50-8-0200 2.38 1.22 1.16 2.91 .84D 1.34 – XMRA 66-0200 2.38 1.22 1.16 2.91 .84D 1.34 – XMRA 104-0200 2.84 1.63 2.22 3.38 1.19D 1.63 – For use with Type D Jacksockets & Jackscrews For use with Type C Jacksockets & Jackscrews For use with Type D Jacksockets & Jackscrews For use with Type C Jacksockets & Jackscrews For use with G, K, or N, Type Guides or Type F Jackscrews Hood Dimensions Part Number A B C D E G XMRA 34-0700 2.09 .84 1.17 1.59 .66x.75 1.688 XMRA 50-8-0700 2.38 1.22 1.17 1.69 1.03D 1.969 XMRA 66-0700 2.38 1.22 1.17 1.69 1.03D 1.969 XMRA 104-0700 2.84 1.63 2.23 2.75 1.19D 2.375 XMRA 34-0700D 2.09 .84 1.17 1.59 .66x.75 1.688 XMRA 50-8-0700D 2.38 1.22 1.17 1.69 1.03D 1.969 XMRA 66-0700D 2.38 1.22 1.17 1.69 1.03D 1.969 XMRA 104-0700D 2.84 1.63 2.23 2.75 1.19D 2.375 XMRA 34-0900 2.09 .84 1.17 1.59 .66x.75 – XMRA 50-8-0900 2.38 1.22 1.17 1.69 1.03D – XMRA 66-0900 2.38 1.22 1.17 1.69 1.03D – XMRA 104-0900 2.84 1.63 2.23 2.75 1.19D – Side Cable Opening XMRE 9-0500 1 1.31 1.31 .44 .31 – 0.3 XMRE 9-0300X XMRE 9-0500X 1 1.30 1.31 .44 .59 .31 XMRE 14-0500 .75 1.19 1.25 .5 .44D – 0.3 XMRE 14-0300X XMRE 14-0500X .75 1.05 1.25 .5 .59 .38 XMRE 18-0500 .75 1.19 1.31 .63 .44D – 0.4 XMRE 18-0300X XMRE 18-0500X .75 1.25 1.31 .63 .63 .44 XMRE 20-0500 .75 1.19 1.56 .5 .44D – 0.3 XMRE 20-0300X XMRE 20-0500X .75 1.05 1.56 .5 .66 .38 XMRE 26-0300 XMRE 26-0500 1.28 1.72 1.63 .64 .59 .38 0.4 XMRE 26-0300X XMRE 26-0500X 1.28 1.78 1.63 .64 .78 .44 XMRE 34-0300D XMRE 34-0300 XMRE 34-0500 1.25 1.67 2 .83 .66D – 0.6 XMRE 34-0300XD XMRE 34-0300X XMRE 34-0500X 1.25 1.75 2.00 .83 1.06 .56 XMRE 42-0300D XMRE 42-0300 XMRE 42-0500 1.30 1.73 2.31 .83 .63D – 0.7 XMRE 42-0300XD XMRE 42-0300X XMRE 42-0500X 1.30 1.80 2.31 .83 1.06 .56 XMRE 50-0300D XMRE 50-0300 XMRE 50-0500 1.30 1.80 2.59 .83 .63D – 0.8 XMRE 50-0300XD XMRE 50-0300X XMRE 50-0500X 1.30 1.80 2.59 .83 1.06 .28 XMRE 75-0300D XMRE 75-0300 XMRE 75-0500 1.31 1.75 2.59 1.19 .63 .88 1.0 XMRE 75-0300XD XMRE 75-0300X XMRE 75-0500X 1.31 1.86 2.59 1.19 1 .88 Top Cable Opening For use with G, K, or N, Type Guides * For use with Type C Jacksockets & Jackscrews Cable Opening Dimensions For use with Monojacks Hood Part No. (If ordered separately) AB C D E Dia. F Dia. Wt. Oz. For use with G, K, or N, Type Guides * For use with Type C Jacksockets & Jackscrews Cable Opening Dimensions For use with Monojacks Hood Part No. (If ordered separately) A BC D E Dia. F Dia. Wt. Oz. XMRE 9-0400 XMRE 9-0600 1.28 1.31 1.63 .44 .31D – 0.3 XMRE 9-0400X XMRE 9-0600X 1.28 1.31 1.61 .44 .59 .31 XMRE 14-0400 XMRE 14-0600 1.28 1.25 1.69 .5 .38D – 0.3 XMRE 14-0400X XMRE 14-0600X 1.28 1.25 1.55 .5 .59 .38 XMRE 18-0400 XMRE 18-0600 1.28 1.31 1.75 .63 .44D – 0.3 XMRE 18-0400X XMRE 18-0600X 1.28 1.31 1.81 .63 .69 .44 XMRE 20-0400 XMRE 20-0600 1.28 1.56 2 .5 .38D – 0.3 XMRE 20-0400X XMRE 20-0600X 1.28 1.56 1.86 .5 .66 .38 XMRE 26-0400 XMRE 26-0600 1.28 1.63 2.06 .64 .59 .38 0.4 XMRE 26-0400X XMRE 26-0600X 1.28 1.63 2.13 .64 .78 .44 XMRE 34-0400D XMRE 34-0400 XMRE 34-0600 1.25 2 2.42 .83 .66 – 0.6 XMRE 34-0400XD XMRE 34-0400X XMRE 34-0600X 1.25 2 2.5 .83 .81 .56 XMRE 42-0400D XMRE 42-0400 XMRE 42-0600 1.30 2.31 2.73 .83 .63 .5 0.7 XMRE 42-0400XD XMRE 42-0400X XMRE 42-0600X 1.30 2.31 2.81 .83 .84 .56 XMRE 50-0400D XMRE 50-0400 XMRE 50-0600 1.30 2.59 3.02 .83 .63 .5 0.8 XMRE 50-0400XD XMRE 50-0400X XMRE 50-0600X 1.30 2.59 3.09 .83 1.06 .56 XMRE 75-0400D XMRE 75-0400 XMRE 75-0600 1.31 2.59 3.02 1.19 .63 .88 1.0 XMRE 75-0400XD XMRE 75-0400X XMRE 75-0600X 1.31 2.59 3.14 1.19 1 .88 * Add “J” to hood P/N when used with “F” jackscrews. Top Cable Opening Side Cable Opening D C .08 A .08 Style “Z” G Style “Y” E (cable opening) .1935 Dia. 2 Holes (.228 Dia. For XMRA 104-0700 Only) .191 Dia. 2 Holes (.228 Dia. For XMRA 104-0800 Only) H G B A C D .08 E (cable opening) E & F (cable opening) 0300X & 0500X Style Cable Clamp A C D F E Drilled for long jackscrews and jacksockets (type C) in Hood style 0300 only B A C B E D F E & F (cable opening) 0400X & 0600X Style Cable Clamp B For use with G, K, or N, Type Guides or Type F Jackscrews XMRA & XMRE Series RP / 49 www.winconn.com Outline Hoods- Drawn Aluminum Dimensions Hoods- Formed Aluminum |