Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F690-E/SS Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce PIC16F690-E/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690-E/SS Fiches technique(HTML) 9 Page - Microchip Technology

Back Button PIC16F690-E/SS Datasheet HTML 5Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 6Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 7Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 8Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 9Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 10Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 11Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 12Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 7
PIC16F631/677/685/687/689/690
PIC16F690 Pin Diagram (QFN)
20-pin QFN
RA3/MCLR/VPP
RC5/CCP1/P1A(1)
RC4/C2OUT/P1B(1)
RC3/AN7/C12IN3-/P1C(1)
RC6/AN8/SS(2)
RA1/AN1/C12IN0-/VREF/ICSPCLK
RA2/AN2/T0CKI/INT/C1OUT
RC0/AN4/C2IN+
RC1/AN5/C12IN1-
RC2/AN6/C12IN2-/P1D(1)
PIC16F631/677/
685/687/689/690
15
14
13
12
11
1
2
3
4
5
Note 1:
CCP1/P1A, P1B, P1C and P1D are available on PIC16F685/PIC16F690 only.
2:
SS, SDO, SDI/SDA and SCL/SCK are available on PIC16F677/PIC16F687/PIC16F689/PIC16F690 only.
3:
RX/DT and TX/CK are available on PIC16F687/PIC16F689/PIC16F690 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More