Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F685-E/SS Fiches technique(PDF) 75 Page - Microchip Technology

No de pièce PIC16F685-E/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SS Fiches technique(HTML) 75 Page - Microchip Technology

Back Button PIC16F685-E/SS Datasheet HTML 71Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 72Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 73Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 74Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 75Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 76Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 77Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 78Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 73
PIC16F631/677/685/687/689/690
4.4.3.3
RB6/SCK/SCL
Figure 4-9 shows the diagram for this pin. The
RB6/SCK/SCL(1) pin is configurable to function as one
of the following:
• a general purpose I/O
• a SPI clock
•an I2C™ clock
FIGURE 4-9:
BLOCK DIAGRAM OF RB6
Note 1: SCK
and
SCL
are
available
on
PIC16F677/PIC16F687/PIC16F689/
PIC16F690 only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUB
RD
WPUB
RD PORTB
RD
PORTB
WR
PORTB
WR
TRISB
RD
TRISB
WR
IOCB
RD
IOCB
Interrupt-on-
To SSPSR
RABPU
Change
Q3
SSPEN
ST
0
1
1
0
Available on PIC16F677/PIC16F687/PIC16F689/PIC16F690
only.
0
1
1
0
From
SSP
SSP
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More