Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F883-E/SS Fiches technique(PDF) 86 Page - Microchip Technology

No de pièce PIC16F883-E/SS
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SS Fiches technique(HTML) 86 Page - Microchip Technology

Back Button PIC16F883-E/SS Datasheet HTML 82Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 83Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 84Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 85Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 86Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 87Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 88Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 89Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 84
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 8-2:
COMPARATOR C1 SIMPLIFIED BLOCK DIAGRAM
FIGURE 8-3:
COMPARATOR C2 SIMPLIFIED BLOCK DIAGRAM
Note
1:
When C1ON = 0, the C1 comparator will produce a ‘0’ output to the XOR Gate.
2:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
3:
Q1 is held high during Sleep mode.
C1POL
C1OUT
To PWM Logic
RD_CM1CON0
Set C1IF
To
DQ
EN
Q1
Data Bus
C1POL
DQ
EN
CL
Q3*RD_CM1CON0
Reset
C1OUT (to SR Latch)
MUX
C1
0
1
2
3
C1ON(1)
C1CH<1:0>
2
0
1
C1R
MUX
C1VIN-
C1VIN+
C12IN0-
C12IN1-
C12IN2-
C12IN3-
C1IN+
+
-
0
1
MUX
CVREF
C1RSEL
FixedRef
C1VREF
MUX
C2
C2POL
C2OUT
0
1
2
3
C2ON(1)
C2CH<1:0>
2
0
1
C2R
From Timer1
Clock
Note
1:
When C2ON = 0, the C2 comparator will produce a ‘0’ output to the XOR Gate.
2:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
3:
Q1 is held high during Sleep mode.
MUX
DQ
EN
DQ
EN
CL
DQ
RD_CM2CON0
Q3*RD_CM2CON0
Q1
Set C2IF
To
Reset
C2VIN-
C2VIN+
SYNCC2OUT
C2IN+
C12IN0-
C12IN1-
C2IN2-
C2IN3-
0
1
C2SYNC
C2POL
Data Bus
MUX
To Timer1 Gate, SR Latch
0
1
MUX
CVREF
C2RSEL
FixedRef
C2VREF
and other peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More