Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64338024 Fiches technique(PDF) 58 Page - Renesas Technology Corp

No de pièce HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Fiches technique(HTML) 58 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 54Page - Renesas Technology Corp HD64338024 Datasheet HTML 55Page - Renesas Technology Corp HD64338024 Datasheet HTML 56Page - Renesas Technology Corp HD64338024 Datasheet HTML 57Page - Renesas Technology Corp HD64338024 Datasheet HTML 58Page - Renesas Technology Corp HD64338024 Datasheet HTML 59Page - Renesas Technology Corp HD64338024 Datasheet HTML 60Page - Renesas Technology Corp HD64338024 Datasheet HTML 61Page - Renesas Technology Corp HD64338024 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 16 of 652
REJ09B0042-0700
Table 1.3 Bonding Pad Coordinates of HCD64F38024, HCD64F38024R
Coordinates
Coordinates
Pad No.
Pad Name
X (
µµµµm)
Y (
µµµµm)
Pad No.
Pad Name
X (
µµµµm)
Y (
µµµµm)
1
PB7/AN7
–1802
1904
42
P83/SEG28
1802
–1898
2AVCC
–1802
1717
43
P84/SEG29
1802
–1750
3
P13/TMIG
–1802
1443
44
P85/SEG30
1802
–1594
4
P14/
IRQ4/ADTRG
–1802
1292
45
P86/SEG31
1802
–1454
5
P16
–1802
1157
46
P87/SEG32
1802
–1296
6
P17/
IRQ3/TMIF
–1802
1022
47
PA3/COM4
1802
–1182
7
X1
–1802
887
48
PA2/COM3
1802
–1068
8
X2
–1802
753
49
PA1/COM2
1802
–954
9AVSS
–1802
638
50
PA0/COM1
1802
–840
10
VSS
–1802
473
51
V3
1802
–726
11
OSC2
–1802
318
52
V2
1802
–534
12
OSC1
–1802
202
53
V1
1802
–402
13
TEST
–1802
69
54
VCC
1802
–267
14
RES
–1802
–63
55
VSS
1802
–126
15
P50/
WKP0/SEG1
–1802
–195
56
P90/PWM1
1802
206
16
P51/
WKP1/SEG2
–1802
–355
57
P91/PWM2
1802
457
17
P52/
WKP2/SEG3
–1802
–514
58
P92
1802
707
18
P53/
WKP3/SEG4
–1802
–674
59
P93
1802
958
19
P54/
WKP4/SEG5
–1802
–844
60
P94
1802
1209
20
P55/
WKP5/SEG6
–1802
–1008
61
P95
1802
1460
21
P56/
WKP6/SEG7
–1802
–1348
62
IRQAEC
1802
1710
22
P57/
WKP7/SEG8
–1802
–1709
63
P30/UD
1802
1904
23
P60/SEG9
–1802
–1904
64
P31/TMOFL
1686
1999
24
P61/SEG10
–1686
–1999
65
P32/TMOFH
1222
1999
25
P62/SEG11
–1198
–1999
66
P33
1077
1999
26
P63/SEG12
–1057
–1999
67
P34
932
1999
27
P64/SEG13
–916
–1999
68
P35
788
1999
28
P65/SEG14
–755
–1999
69
P36/AEVH
643
1999
29
P66/SEG15
–625
–1999
70
P37/AEVL
498
1999
30
P67/SEG16
–493
–1999
71
P40/SCK32
353
1999
31
P70/SEG17
–352
–1999
72
P41/RXD32
226
1999
32
P71/SEG18
–202
–1999
73
P42/TXD32
63
1999
33
P72/SEG19
–69
–1999
74
P43/
IRQ0
–82
1999
34
P73/SEG20
72
–1999
75
PB0/AN0
–229
1999
35
P74/SEG21
213
–1999
76
PB1/AN1
–404
1999
36
P75/SEG22
330
–1999
77
PB2/AN2
–577
1999
37
P76/SEG23
459
–1999
78
PB3/AN3/
IRQ1/TMIC
–751
1999
38
P77/SEG24
583
–1999
79
PB4/AN4
–925
1999
39
P80/SEG25
730
–1999
80
PB5/AN5
–1099
1999
40
P81/SEG26
937
–1999
81
PB6/AN6
–1686
1999
41
P82/SEG27
1686
–1999
Note:
VSS Pads (No. 9 and 10) should be connected to power supply lines.
TEST Pad (No. 13) should be connected to VSS.
If the pad of these aren’t connected to the power supply line, the LSI will not operate correctly. These values show the
coordinates of the centers of pads. The accuracy is ±5
µm. The home-point position is the chip’s center and the center
is located at half the distance between the upper and lower pads and left and right pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More