Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWTS907 Fiches technique(PDF) 3 Page - Seoul Semiconductor

No de pièce SWTS907
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWTS907 Fiches technique(HTML) 3 Page - Seoul Semiconductor

  SWTS907 Datasheet HTML 1Page - Seoul Semiconductor SWTS907 Datasheet HTML 2Page - Seoul Semiconductor SWTS907 Datasheet HTML 3Page - Seoul Semiconductor SWTS907 Datasheet HTML 4Page - Seoul Semiconductor SWTS907 Datasheet HTML 5Page - Seoul Semiconductor SWTS907 Datasheet HTML 6Page - Seoul Semiconductor SWTS907 Datasheet HTML 7Page - Seoul Semiconductor SWTS907 Datasheet HTML 8Page - Seoul Semiconductor SWTS907 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 1.00
SWTS907
1. Features
Package: SMT Solderability
Dimension : 3.8 × 1.05 × 0.6 (mm)
Low Thermal Resistance
RoHS Compliant, Lead Free
Suitable for Small Applications
High ESD Voltage
Own Patent Reserved
SWTS907 is Very Useful Side View LED in Back Light Unit Application
2. Applications
Flat Backlighting (LCD, Display)
Mobile Phone, Camera, PDA, Notebook
Coupling into Light Guide Panel
AV Systems
SEOUL SEMICONDUCTOR CO., LTD.
2
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15