| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F631-E/P Fiches technique(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F631-E/P Fiches technique(HTML) 35 Page - Microchip Technology |
|
35 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 33 PIC16F631/677/685/687/689/690 TABLE 2-2: PIC16F631/677/685/687/689/690 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1 Addr Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Page Bank 1 80h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 44,201 81h OPTION_REG RABPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 37,201 82h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 44,201 83h STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 36,201 84h FSR Indirect Data Memory Address Pointer xxxx xxxx 44,201 85h TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 59,201 86h TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 70,202 87h TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 76,201 88h — Unimplemented — — 89h — Unimplemented — — 8Ah PCLATH — — — Write Buffer for the upper 5 bits of the Program Counter ---0 0000 44,201 8Bh INTCON GIE PEIE T0IE INTE RABIE T0IF INTF RABIF(1) 0000 000x 38,201 8Ch PIE1 —ADIE(4) RCIE(2) TXIE(2) SSPIE(5) CCP1IE(3) TMR2IE(3) TMR1IE -000 0000 39,202 8Dh PIE2 OSFIE C2IE C1IE EEIE — — — — 0000 ---- 40,202 8Eh PCON — — ULPWUE SBOREN — —POR BOR --01 --qq 43,202 8Fh OSCCON — IRCF2 IRCF1 IRCF0 OSTS HTS LTS SCS -110 q000 48,202 90h OSCTUNE — — — TUN4 TUN3 TUN2 TUN1 TUN0 ---0 0000 52,202 91h — Unimplemented — — 92h PR2(3) Timer2 Period Register 1111 1111 91,202 93h SSPADD(5, 7) Synchronous Serial Port (I2C mode) Address Register 0000 0000 184,202 93h SSPMSK(5, 7) MSK7 MSK6 MSK5 MSK4 MSK3 MSK2 MSK1 MSK0 1111 1111 187,202 94h SSPSTAT(5) SMP CKE D/A PS R/W UA BF 0000 0000 176,202 95h WPUA(6) — —WPUA5 WPUA4 — WPUA2 WPUA1 WPUA0 --11 -111 62,202 96h IOCA — — IOCA5 IOCA4 IOCA3 IOCA2 IOCA1 IOCA0 --00 0000 62,202 97h WDTCON — — — WDTPS3 WDTPS2 WDTPS1 WDTPS0 SWDTEN ---0 1000 209,202 98h TXSTA(2) CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 0000 0010 158,202 99h SPBRG(2) BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 0000 0000 161,202 9Ah SPBRGH(2) BRG15 BRG14 BRG13 BRG12 BRG11 BRG10 BRG9 BRG8 0000 0000 161,202 9Bh BAUDCTL(2) ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 01-0 0-00 160,202 9Ch — Unimplemented — — 9Dh — Unimplemented — — 9Eh ADRESL(4) A/D Result Register Low Byte xxxx xxxx 115,202 9Fh ADCON1(4) — ADCS2 ADCS1 ADCS0 — — — — -000 ---- 114,202 Legend: – = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented Note 1: MCLR and WDT Reset do not affect the previous value data latch. The RABIF bit will be cleared upon Reset but will set again if the mismatch exists. 2: PIC16F687/PIC16F689/PIC16F690 only. 3: PIC16F685/PIC16F690 only. 4: PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only. 5: PIC16F677/PIC16F687/PIC16F689/PIC16F690 only. 6: RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word. 7: Accessible only when SSPCON register bits SSPM<3:0> = 1001. |