Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F615-E/ST Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce PIC12F615-E/ST
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/ST Fiches technique(HTML) 4 Page - Microchip Technology

  PIC12F615-E/ST Datasheet HTML 1Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 2Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 3Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 4Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 5Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 6Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 7Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 8Page - Microchip Technology PIC12F615-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 2
Preliminary
© 2006 Microchip Technology Inc.
8-Pin Diagram, PIC12F609/HV609 (PDIP, SOIC, TSSOP, DFN)
TABLE 1:
PIC12F609/HV609 PIN SUMMARY (
PDIP, SOIC, TSSOP, DFN)
Device
Program Memory
Data Memory
I/O
10-bit A/D
(ch)
Comparators
Timers
8/16-bit
Voltage Range
Flash
(words)
SRAM (bytes)
PIC12F609
1024
64
5
0
1
1/1
2.0V-5.5V
PIC12HV609
1024
64
5
0
1
1/1
2.0V-user defined
PIC12F615
1024
64
5
4
1
2/1
2.0V-5.5V
PIC12HV615
1024
64
5
4
1
2/1
2.0V-user defined
I/O
Pin
Comparators
Timer
Interrupts
Pull-ups
Basic
GP0
7
CIN+
—
IOC
Y
ICSPDAT
GP1
6
CIN0-
—
IOC
Y
ICSPCLK
GP2
5
COUT
T0CKI
INT/IOC
Y
—
GP3(1)
4—
—
IOC
Y(2)
MCLR/VPP
GP4
3
CIN1-
T1G
IOC
Y
OSC2/CLKOUT
GP5
2
—
T1CKI
IOC
Y
OSC1/CLKIN
—
1
—
—
—
—
VDD
—
8
—
———
VSS
Note 1:
Input only.
2:
Only when pin is configured for external MCLR.
1
2
3
4
5
6
7
8
PIC12F609/
HV609
VSS
GP0/CIN+/ICSPDAT
GP1/CIN0-/ICSPCLK
GP2/T0CKI/INT/COUT
VDD
GP5/T1CKI/OSC1/CLKIN
GP4/CIN1-/T1G/OSC2/CLKOUT
GP3/MCLR/VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More