Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012AT30E/ML Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce DSPIC30F2012AT30E/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30E/ML Fiches technique(HTML) 36 Page - Microchip Technology

Back Button DSPIC30F2012AT30E/ML Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 33Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 34Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 35Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 36Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 37Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 38Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 39Page - Microchip Technology DSPIC30F2012AT30E/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 34
© 2006 Microchip Technology Inc.
FIGURE 3-8:
dsPIC30F3012/3013 DATA SPACE MEMORY MAP
0x0000
0x07FE
0x0BFE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0x0BFF
0xFFFF
0x8001
0x8000
Optionally
Mapped
into Program
Memory
0x0FFF
0x0FFE
0x1000
0x1001
0x0801
0x0800
0x0C01
0x0C00
Near
Data
0x1FFE
0x1FFF
2 Kbyte
SFR Space
2 Kbyte
SRAM Space
8 Kbyte
Space
X Data
Unimplemented (X)
SFR Space
X Data RAM (X)
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More