Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012A20E/ML Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce DSPIC30F2012A20E/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20E/ML Fiches technique(HTML) 24 Page - Microchip Technology

Back Button DSPIC30F2012A20E/ML Datasheet HTML 20Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 21Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 22Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 23Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 24Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 25Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 26Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 27Page - Microchip Technology DSPIC30F2012A20E/ML Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 205 page
background image
ds
PIC30F2011/2012/3012/3013
DS70139E-page 22
© 2006 Microchip Technology Inc.
FIGURE 2-2:
DSP ENGINE BLOCK DIAGRAM
Zero Backfill
Sign-Extend
Barrel
Shifter
40-bit Accumulator A
40-bit Accumulator B
Round
Logic
To/From W Array
Adder
Saturate
Negate
32
32
33
16
16
16
16
40
40
40
40
S
a
t
u
r
a
t
e
40
Carry/Borrow Out
Carry/Borrow In
16
40
Multiplier/Scaler
17-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More