Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2011A20E/ML Fiches technique(PDF) 137 Page - Microchip Technology

No de pièce DSPIC30F2011A20E/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/ML Fiches technique(HTML) 137 Page - Microchip Technology

Back Button DSPIC30F2011A20E/ML Datasheet HTML 133Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 134Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 135Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 136Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 137Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 138Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 139Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 140Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 135
dsPIC30F2011/2012/3012/3013
Wb
Base W register
∈ {W0..W15}
Wd
Destination W register
∈ { Wd, [Wd], [Wd++], [Wd--], [++Wd], [--Wd] }
Wdo
Destination W register
∈
{ Wnd, [Wnd], [Wnd++], [Wnd--], [++Wnd], [--Wnd], [Wnd+Wb] }
Wm,Wn
Dividend, Divisor working register pair (direct addressing)
Wm*Wm
Multiplicand and Multiplier working register pair for Square instructions
∈
{W4*W4,W5*W5,W6*W6,W7*W7}
Wm*Wn
Multiplicand and Multiplier working register pair for DSP instructions
∈
{W4*W5,W4*W6,W4*W7,W5*W6,W5*W7,W6*W7}
Wn
One of 16 working registers
∈ {W0..W15}
Wnd
One of 16 destination working registers
∈ {W0..W15}
Wns
One of 16 source working registers
∈ {W0..W15}
WREG
W0 (working register used in file register instructions)
Ws
Source W register
∈ { Ws, [Ws], [Ws++], [Ws--], [++Ws], [--Ws] }
Wso
Source W register
∈
{ Wns, [Wns], [Wns++], [Wns--], [++Wns], [--Wns], [Wns+Wb] }
Wx
X data space prefetch address register for DSP instructions
∈ {[W8]+=6, [W8]+=4, [W8]+=2, [W8], [W8]-=6, [W8]-=4, [W8]-=2,
[W9]+=6, [W9]+=4, [W9]+=2, [W9], [W9]-=6, [W9]-=4, [W9]-=2,
[W9+W12],none}
Wxd
X data space prefetch destination register for DSP instructions
∈ {W4..W7}
Wy
Y data space prefetch address register for DSP instructions
∈ {[W10]+=6, [W10]+=4, [W10]+=2, [W10], [W10]-=6, [W10]-=4, [W10]-=2,
[W11]+=6, [W11]+=4, [W11]+=2, [W11], [W11]-=6, [W11]-=4, [W11]-=2,
[W11+W12], none}
Wyd
Y data space prefetch destination register for DSP instructions
∈ {W4..W7}
TABLE 18-1:
SYMBOLS USED IN OPCODE DESCRIPTIONS (CONTINUED)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More