Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2011A20E/ML Fiches technique(PDF) 70 Page - Microchip Technology

No de pièce DSPIC30F2011A20E/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/ML Fiches technique(HTML) 70 Page - Microchip Technology

Back Button DSPIC30F2011A20E/ML Datasheet HTML 66Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 67Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 68Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 69Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 70Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 71Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 72Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 73Page - Microchip Technology DSPIC30F2011A20E/ML Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 68
© 2006 Microchip Technology Inc.
8.6
Fast Context Saving
A context saving option is available using shadow reg-
isters. Shadow registers are provided for the DC, N,
OV, Z and C bits in SR, and the registers W0 through
W3. The shadows are only one level deep. The shadow
registers are accessible using the PUSH.S and POP.S
instructions only.
When the processor vectors to an interrupt, the
PUSH.S
instruction can be used to store the current
value of the aforementioned registers into their
respective shadow registers.
If an ISR of a certain priority uses the PUSH.S and
POP.S
instructions for fast context saving, then a
higher priority ISR should not include the same instruc-
tions. Users must save the key registers in software
during a lower priority interrupt if the higher priority ISR
uses fast context saving.
8.7
External Interrupt Requests
The interrupt controller supports three external inter-
rupt request signals, INT0-INT2. These inputs are edge
sensitive; they require a low-to-high or a high-to-low
transition to generate an interrupt request. The
INTCON2 register has three bits, INT0EP-INT2EP, that
select the polarity of the edge detection circuitry.
8.8
Wake-up from Sleep and Idle
The interrupt controller may be used to wake-up the
processor from either Sleep or Idle modes, if Sleep or
Idle mode is active when the interrupt is generated.
If an enabled interrupt request of sufficient priority is
received by the interrupt controller, then the standard
interrupt request is presented to the processor. At the
same time, the processor wakes up from Sleep or Idle
and begin execution of the Interrupt Service Routine
(ISR) needed to process the interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More