Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012A-20E/ML Fiches technique(PDF) 53 Page - Microchip Technology

No de pièce DSPIC30F2012A-20E/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/ML Fiches technique(HTML) 53 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/ML Datasheet HTML 49Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 50Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 51Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 52Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 53Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 54Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 55Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 56Page - Microchip Technology DSPIC30F2012A-20E/ML Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 205 page
background image
TABLE 5-1:
NVM REGISTER MAP
File Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12 Bit 11 Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All RESETS
NVMCON
0760
WR
WREN
WRERR
—
—
—
—TWRI
—
PROGOP<6:0>
0000 0000 0000 0000
NVMADR
0762
NVMADR<15:0>
uuuu uuuu uuuu uuuu
NVMADRU
0764
—
—
—
—
—
—
—
—
NVMADR<23:16>
0000 0000 uuuu uuuu
NVMKEY
0766
—
—
—
—
—
—
—
—
KEY<7:0>
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More