Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F616-E/P Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce PIC16F616-E/P
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/P Fiches technique(HTML) 7 Page - Microchip Technology

Back Button PIC16F616-E/P Datasheet HTML 3Page - Microchip Technology PIC16F616-E/P Datasheet HTML 4Page - Microchip Technology PIC16F616-E/P Datasheet HTML 5Page - Microchip Technology PIC16F616-E/P Datasheet HTML 6Page - Microchip Technology PIC16F616-E/P Datasheet HTML 7Page - Microchip Technology PIC16F616-E/P Datasheet HTML 8Page - Microchip Technology PIC16F616-E/P Datasheet HTML 9Page - Microchip Technology PIC16F616-E/P Datasheet HTML 10Page - Microchip Technology PIC16F616-E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 5
PIC16F610/616/16HV610/616
PIC16F616/16HV616 16-Pin Diagram (QFN)
TABLE 4:
PIC16F616/16HV616
16-PIN SUMMARY
I/O
Pin
Analog
Comparators
Timers
CCP
Interrupts
Pull-ups
Basic
RA0
12
AN0
C1IN+
—
—
IOC
Y
ICSPDAT
RA1
11
AN1/VREF
C12IN0-
—
—
IOC
Y
ICSPCLK
RA2
10
AN2
C1OUT
T0CKI
—
INT/IOC
Y
—
RA3(1)
3—
—
—
—
IOC
Y(2)
MCLR/VPP
RA4
2
AN3
—
T1G
—
IOC
Y
OSC2/CLKOUT
RA5
1
—
—
T1CKI
—
IOC
Y
OSC1/CLKIN
RC0
9
AN4
C2IN+
—
—
—
—
—
RC1
8
AN5
C12IN1-
—
—
—
—
—
RC2
7
AN6
C12IN2-
—
P1D
—
—
—
RC3
6
AN7
C12IN3-
—
P1C
—
—
—
RC4
5
—
C2OUT
—
P1B
—
—
—
RC5
4
—
—
—
CCP1/P1A
—
—
—
—
16
—
—
—
—
—
—
VDD
—13
—
—
—
—
—
—
VSS
Note 1:
Input only.
2:
Only when pin is configured for external MCLR.
1
2
3
4
9
10
11
12
PIC16F616/
PIC16HV616
RA5/T1CKI/OSC1/CLKIN
RA4/AN3/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5/CCP/P1A
RA0/AN0/C1IN+/ICSPDAT
RA1/AN1/C12IN0-/VREF/ICSPCLK
RA2/AN2/T0CKI/INT/C1OUT
RC0/AN4/C2IN1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More