| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2012A20I/ML Fiches technique(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20I/ML Fiches technique(HTML) 62 Page - Microchip Technology |
|
62 / 205 page ![]() TABLE 7-5: PORTD REGISTER MAP FOR dsPIC30F2012/3013 TABLE 7-6: PORTF REGISTER MAP FOR dsPIC30F2012/3013 SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TRISD 02D2 — — — — — — TRISD9 TRISD8 — — — — — — — — 0000 0011 0000 0000 PORTD 02D4 — — — — — — RD9 RD8 — — — — — — — — 0000 0000 0000 0000 LATD 02D6 — — — — — —LATD9 LATD8 — — — — — — — — 0000 0000 0000 0000 SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TRISF 02DE — — — — — — — — — TRISF6 TRISF5 TRISF4 TRISF3 TRISF2 — — 0000 0000 0111 1100 PORTF 02E0 — — — — — — — — — RF6 RF5 RF4 RF3 RF2 — — 0000 0000 0000 0000 LATF 02E2 — — — — — — — — — LATF6 LATF5 LATF4 LATF3 LATF2 — — 0000 0000 0000 0000 Note: The dsPIC30F2011/3012 do not have TRISF, PORTF or LATF. |