Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012A-20I/ML Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce DSPIC30F2012A-20I/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20I/ML Fiches technique(HTML) 5 Page - Microchip Technology

  DSPIC30F2012A-20I/ML Datasheet HTML 1Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 2Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 3Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 4Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 5Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 6Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 7Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 8Page - Microchip Technology DSPIC30F2012A-20I/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 3
dsPIC30F2011/2012/3012/3013
Pin Diagrams
28-Pin QFN
Note:
For descriptions of individual pins, see Section 1.0 “Device Overview”.
1
2
3
4
5
6
7
21
20
19
18
17
16
15
dsPIC30F2011
NC
NC
NC
NC
NC
NC
VDD
VSS
PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5
AN2/SS1/LVDIN/CN4/RB2
AN3/CN5/RB3
VSS
OSC1/CLKI
OSC2/CLKO/RC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More