| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F883-E/SOSQTP Fiches technique(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/SOSQTP Fiches technique(HTML) 47 Page - Microchip Technology |
|
47 / 288 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41291D-page 45 PIC16F882/883/884/886/887 3.2.3.6 RA5/AN4/SS/C2OUT Figure 3-6 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a slave select input • a digital output from Comparator C2 FIGURE 3-6: BLOCK DIAGRAM OF RA5 3.2.3.7 RA6/OSC2/CLKOUT Figure 3-7 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a crystal/resonator connection • a clock output FIGURE 3-7: BLOCK DIAGRAM OF RA6 I/O Pin VDD VSS D Q CK Q D Q CK Q Analog(1) Input Mode Data Bus RD PORTA WR PORTA WR TRISA RD TRISA 0 1 C2OUT C2OUT Enable To SS Input To A/D Converter Note 1: ANSEL determines Analog Input mode. I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTA WR PORTA WR TRISA RD TRISA FOSC/4 OSC2 CLKOUT 0 1 CLKOUT Enable Enable INTOSCIO/ EXTRCIO/EC(1) CLKOUT Enable Note 1: With I/O option. Circuit Oscillator |