Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012A-20E/SP Fiches technique(PDF) 81 Page - Microchip Technology

No de pièce DSPIC30F2012A-20E/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/SP Fiches technique(HTML) 81 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/SP Datasheet HTML 77Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 78Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 79Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 80Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 81Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 82Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 83Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 84Page - Microchip Technology DSPIC30F2012A-20E/SP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 205 page
background image
TABLE 10-1:
TIMER2/3 REGISTER MAP
SFR Name Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TMR2
0106
Timer2 Register
uuuu uuuu uuuu uuuu
TMR3HLD
0108
Timer3 Holding Register (for 32-bit timer operations only)
uuuu uuuu uuuu uuuu
TMR3
010A
Timer3 Register
uuuu uuuu uuuu uuuu
PR2
010C
Period Register 2
1111 1111 1111 1111
PR3
010E
Period Register 3
1111 1111 1111 1111
T2CON
0110
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
T32
—TCS
—
0000 0000 0000 0000
T3CON
0112
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
—TCS
—
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More