Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

77781-R1 Fiches technique(PDF) 16 Page - VAT Group AG

No de pièce 77781-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VAT [VAT Group AG]
Site Internet  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77781-R1 Fiches technique(HTML) 16 Page - VAT Group AG

Back Button 77781-R1 Datasheet HTML 11Page - VAT Group AG 77781-R1 Datasheet HTML 12Page - VAT Group AG 77781-R1 Datasheet HTML 13Page - VAT Group AG 77781-R1 Datasheet HTML 14Page - VAT Group AG 77781-R1 Datasheet HTML 15Page - VAT Group AG 77781-R1 Datasheet HTML 16Page - VAT Group AG 77781-R1 Datasheet HTML 17Page - VAT Group AG 77781-R1 Datasheet HTML 18Page - VAT Group AG 77781-R1 Datasheet HTML 19Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
16/19
6. Replacement of actuator
Close and lock valve
Remove the position indicator box (8) from the actuator and unscrew the 2 hexagon bolts of the actuator
Pull off actuator from the gear wheel of the feedthrough assembly (9). Take hold of the actuator on both sides of
the actuator flange and use your thumb to push against the shaft of the feedthrough
Make sure that rack of the actuator is in closed position
Check whether valve is closed and properly locked
Set up actuator on gear wheel and shaft in a right angle to the valve. If the actuator cannot engage with the gear
wheel, turn actuator under little pressure a few degrees counter-clockwise until it engages with the gear wheel
For change into position A2 or B2, first unscrew the 2 hexagonal bolts of the feedthrough assembly and put them
into the bolt holes in the lateral axis
Turn the actuator slightly back to the right angle position so that the 2 bolts can fit loosely in the threaded holes
Fasten the 2 bolts only when flange area of the actuator lies tightly on the actuator flange of the valve
Set position indicator box (8) on actuator
Align position indicator so that the 4 cylinder head screws will fit loosely in the threaded holes. Fasten screws
Verify the correct adjustment of the position indicator. In the position where the microswitch has switched, the valve
must be closed and locked
7. Replacement of feedthrough O-ring (11)
Remove gate assembly (4) as per items 1 and 2
Remove actuator as per item 6
Push the roll pin (12) out of the feedthrough shaft. Use VAT feedthrough assembling tool or a punch. Remove lever
(17).
Loosen the 2 screws of the feedthrough assembly (9)
Slide out complete feedthrough assembly (9), carefully dismantle feed through assembly and remove the
feedthrough O-ring (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19