| Moteur de recherche de fiches techniques de composants électroniques |
|
E5CN-R2TU Fiches technique(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CN-R2TU Fiches technique(HTML) 2 Page - Omron Electronics LLC |
|
2 / 24 page ![]() 2 Digital Temperature Controllers E5CN/E5CN-U Model Number Structure ■ Model Number Legend 1. Output type R: Relay Q: Voltage (for driving SSR) C: Current Y: Long-life relay output (available soon) 2. Number of alarms Blank: No alarm 2: Two alarms 3. Option Unit M: Option Unit can be mounted 4. Input type T: Thermocouple/platinum resistance thermometer (multi-input) L: Analog input 1 2 3 4 E5CN- @@M@-500 This data sheet is provided as a guideline for selecting products. Be sure to refer to the following user manuals for application precautions and other information required for operation before attempting to use the product. E5CN/E5CN-U Temperature Controller User's Manual (Cat. No. H129) E5CN Temperature Controller Communications User's Manual (Cat. No. H130) |